PART |
Description |
Maker |
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
4551GROUP E4551 M34551M8 M34551 M34551E8 M34551M4 |
4-BIT SINGLE-CHIP MICROCOMPUTER From old datasheet system SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER FOR INFRARED REMOTE CONTROL TRANSMITTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38063EB-FP M38066MADFP M38060EFDFP M38061EFDFP M3 |
8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP80 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Renesas Electronics Corporation
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
GMS97C1051-24D GMS97L1051 GMS97L2051 GMS97L1051-D |
8-Bit CMOS Microcontorller CMOS SINGLE CHIP 8-BIT MCS-51 COMPATIBLE MICOROCONTROLLER(CMOS单芯8和MCS-51兼容的微控制 REMOTE CONTROLLER
|
Hynix Semiconductor Inc. 微控制器
|